công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07D-48-C2-R0

  • AI
    The **ATS-07D-48-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits. --- ### Technical Specifications The following table outlines the physical and thermal characteristics of this specific component: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (Al) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 25mm x 25mm x 25mm | | **Fin Style** | Fine Pitch (Cross-Cut) | | **Attachment Method** | pushPIN™ (Spring Loaded) | | **Thermal Resistance (Unducted)** | 7.59 °C/W @ 100 LFM | | **Thermal Resistance (Ducted)** | 2.14 °C/W @ 100 LFM | --- ### Key Design Features 1. **Cross-Cut Fin Design**: The fin pattern is designed to maximize surface area while allowing airflow from multiple directions. This is particularly effective in systems where airflow direction might not be strictly linear. 2. **pushPIN™ Attachment**: * Uses a **brass component** with a stainless steel spring. * Provides high pressure to ensure a tight thermal interface between the component and the heat sink. * Includes pre-drilled holes for secure PCB mounting. 3. **Thermal Interface Material (TIM)**: This specific model usually comes with **T766** pre-applied, which is a high-performance thermal grease used to fill microscopic air gaps between the chip and the heat sink. 4. **Compliance**: It is RoHS (Restriction of Hazardous Substances) and REACH compliant, making it suitable for modern industrial and consumer electronics standards. --- ### Application Usage This electronic part is typically found in: * **Networking Hardware**: Routers, switches, and modems. * **Industrial PCs**: Cooling small form-factor processors. * **Embedded Systems**: Providing thermal management for SoCs (System on Chips). ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using a cross-cut fin design over a straight fin design?
    • ⤷ How do you calculate the required thermal resistance for a specific electronic component?
    • ⤷ What is the difference between the C1
    • ⤷ C2
    • ⤷ and C3 variations in ATS part numbers?