ATS-07D-23-C2-R0
AI

The **ATS-07D-23-C2-R0** is a specific electronic cooling component, specifically a **high-performance heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part:
| Property | Value / Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with springs) |
| **Dimensions** | 60mm x 60mm |
| **Height** | 15mm |
| **Thermal Resistance** | 12.01 °C/W (at 100 LFM) |
| **Flow Orientation** | Vertical or Horizontal (depending on airflow) |
---
### 2. Breakdown of the Part Number
The part number is a coded string that defines the physical and thermal characteristics:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Series identifier (pushPIN™ Heat Sink).
* **D**: Material type (Aluminum).
* **23**: Length/Width dimension code (60mm).
* **C2**: Finish and Material color (Blue Anodized).
* **R0**: Versioning/Revision code.
---
### 3. Key Features and Applications
The ATS-07D-23-C2-R0 is designed for versatility in modern electronics.
#### Features:
* **Push Pin Attachment:** Uses a spring-loaded mechanism to provide precise pressure for maximum heat transfer.
* **Aluminum Construction:** Offers a lightweight solution with high thermal conductivity.
* **Pre-Applied Thermal Interface Material (TIM):** Most "R0" variants come with high-performance thermal tape or grease pre-applied to the base.
* **Cross-Cut Design:** The fins are often designed to allow airflow from multiple directions, improving efficiency in cramped server or networking enclosures.
#### Common Applications:
* **CPUs/GPUs:** Cooling processors in embedded systems.
* **ASICs and FPGAs:** Used in networking equipment and telecommunications.
* **Power Supplies:** Managing heat in industrial power modules.
---
### 4. Thermal Performance Data
Performance varies based on the Airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 12.01 |
| 200 | 4.50 |
| 300 | 2.43 |
| 400 | 1.64 |
---
- ⤷What are the specific push pin hole diameters required for this heat sink?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied one?
- ⤷ How does the 'Blue Anodized' finish affect thermal radiation compared to a plain finish?