ATS-07D-200-C2-R0
AI

The **ATS-07D-200-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or power transistors.
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 10.00mm |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with Compression Springs) |
| **Thermal Resistance** | 9.78 °C/W (at 100 LFM) to 2.98 °C/W (at 700 LFM) |
---
### 2. Design Features
* **Straight Fin Geometry:** This model utilizes a straight fin design which is optimized for high-performance air cooling.
* **pushPIN™ Attachment:** Instead of messy thermal adhesives or complex brackets, it uses a mechanical push-pin system. This ensures even pressure across the chip surface for better thermal conductivity.
* **Compression Springs:** The use of precise springs prevents damage to the delicate silicon die while maintaining a constant clamping force.
* **Material Choice:** The 6063 aluminum alloy provides a high thermal conductivity-to-weight ratio, ensuring efficient heat transfer away from the component.
---
### 3. Thermal Performance (Airflow Data)
The effectiveness of the heat sink changes based on the speed of the cooling fan (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| **100** | 9.78 °C/W |
| **300** | 4.42 °C/W |
| **500** | 3.42 °C/W |
| **700** | 2.98 °C/W |
---
### 4. Part Number Breakdown
Understanding the coding system for ATS heat sinks:
`ATS - 07 - D - 200 - C2 - R0`
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** Specific series/category.
* **D:** Pin type/Fin configuration.
* **200:** Specific size or height identifier.
* **C2:** Blue Anodized finish (C1 is typically Clear).
* **R0:** Revision/RoHS compliance status.
- ⤷
What are the mounting hole requirements for the push-pin system of this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to clear finishes?
- ⤷ Which thermal interface materials (TIM) are recommended for use with the ATS-07D-200-C2-R0?