công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07D-169-C2-R0

  • AI
    The **ATS-07D-169-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. This specific part belongs to the **blueICE™** series and is designed for the thermal management of electronic components like CPUs, GPUs, and FPGAs. --- ### 1. Technical Specifications Below are the primary mechanical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm | | **Thermal Resistance** | 15.71°C/W (at 1.0 m/s airflow) | | **Fin Style** | Fine Pitch (Rectangular) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Key Electronic & Mechanical Features #### A. pushPIN™ Attachment System The part uses a specialized **pushPIN™** system which ensures a secure and consistent mounting force. This is critical in electronics to: * Ensure maximum contact between the chip surface and the heat sink. * Prevent damage to the PCB through uniform pressure distribution. * Allow for easy installation via pre-drilled holes in the motherboard. #### B. Thermal Performance (C2 Rating) The "C2" in the part number refers to the **T766 Thermal Interface Material**. This is a phase-change or high-performance thermal grease applied to the base of the heat sink. Its job is to fill microscopic air gaps between the electronic component and the aluminum, significantly lowering thermal impedance. #### C. Fin Design The heat sink utilizes a **straight fin** design optimized for "forced air" cooling (i.e., when a fan is blowing air across the heat sink). The 10mm low-profile height makes it ideal for compact electronic enclosures or 1U server racks. --- ### 3. Applications This part is typically found in the following electronic environments: * **Telecommunications:** Networking switches and routers. * **Industrial PC:** Embedded controllers that generate moderate heat. * **Power Supplies:** Cooling voltage regulators or MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between blueICE and other ATS heat sink series?
    • ⤷ How do I calculate the required airflow for this specific thermal resistance?
    • ⤷ Can the pushPIN hardware be customized for different PCB thicknesses?