ATS-07D-166-C3-R0
AI

The **ATS-07D-166-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Fin Style** | Straight |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Brass |
| **Thermal Resistance** | 12.30°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied Phase Change Material) |
---
## 2. Component Breakdown
### A. The Heat Sink Body
The body is made of **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The "Straight Fin" design is optimized for high-density airflow environments. The **Blue Anodized** finish is not just aesthetic; it provides corrosion resistance and increases surface emissivity.
### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or complex screws, this part uses a **Push-Pin** system.
* **Plastic Pins:** Quickly snap into pre-drilled holes on the PCB.
* **Compression Springs:** Ensure a consistent "Clamping Force" (pressure) between the heat sink and the electronic chip, which is critical for efficient heat transfer.
### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a high-performance material that fills the microscopic air gaps between the chip surface and the heat sink base, significantly reducing thermal resistance.
---
## 3. Performance Metrics
Thermal resistance (measured in °C/W) indicates how many degrees Celsius the component's temperature will rise for every watt of power dissipated.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 12.30 |
| 300 (1.5 m/s) | 7.91 |
| 500 (2.5 m/s) | 6.64 |
| 700 (3.5 m/s) | 5.95 |
---
## 4. Typical Applications
* **Embedded Systems:** Cooling small-form-factor processors.
* **Networking:** Dissipating heat from high-speed routers or switches.
* **Power Supplies:** Managing temperatures of voltage regulators.
- ⤷
How do I determine the correct hole size on my PCB for the push-pin attachment?
- ⤷ What is the difference between Blue Anodized and Black Anodized thermal performance?
- ⤷ Can the T766 thermal material be reused if the heat sink is removed?