ATS-07D-152-C2-R0
AI

The **ATS-07D-152-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink (Thermal Management) |
| **Thermal Resistance** | 3.32°C/W (at 200 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 25mm |
| **Fin Type** | Straight Fin |
---
### 2. Physical Design Components
* **Base Material:** Made of high-grade aluminum, which offers a balance between lightweight design and high thermal conductivity.
* **Fin Geometry:** The fins are designed to maximize surface area for heat dissipation. This specific model uses a straight-fin configuration optimized for forced convection (airflow).
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** phase-change material or a similar high-performance thermal pad to ensure minimal air gaps between the component and the heat sink.
---
### 3. Mounting Mechanism (Push-Pin)
The "C2" and "R0" designations often refer to the specific mounting hardware and color:
* **Plastic Push-Pins:** These provide a secure, tool-less attachment to the PCB.
* **Compression Springs:** Each pin includes a brass or stainless steel spring to apply precise, consistent pressure on the electronic chip, ensuring optimal thermal contact.
---
### 4. Typical Applications
This component is commonly found in:
* **Embedded Systems:** Industrial PCs and routers.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
* **Communication Equipment:** Small form-factor switches and data centers.
---
### 5. Summary Table
| Attribute | Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Mounting Hole Pattern** | 40mm (Diagonal/Square varies by model) |
| **Flow Orientation** | Vertical or Horizontal (depending on fan placement) |
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ How do I calculate if the 3.32°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if my PCB doesn't have push-pin holes?