công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07D-121-C2-R0

  • AI
    The **ATS-07D-121-C2-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat-density integrated circuits. --- ### 1. Technical Specifications The following table highlights the primary physical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm | | **Thermal Resistance** | 9.48°C/W (at 200 LFM) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Fin Style** | T-Cut (Optimized for airflow) | | **Interface Material** | T766 (Thermal Interface Material) | --- ### 2. Key Electronic & Mechanical Features #### A. Thermal Management (Efficiency) This part is engineered for **forced-air convection**. The "T-Cut" fin pattern creates a larger surface area and higher turbulence, which allows heat to dissipate more effectively from the chip to the surrounding air compared to standard flat-fin heat sinks. #### B. pushPIN™ Attachment System Rather than using messy adhesives or permanent solder, this part uses the **pushPIN™** system. * **Benefits:** It provides consistent pressure across the surface of the electronic component, ensuring optimal thermal contact. * **Security:** It features a brass component and a stainless steel spring for high-vibration environments. #### C. Thermal Interface Material (TIM) The unit comes pre-applied with **T766**. In electronics, the TIM is crucial because it fills microscopic air gaps between the component's surface and the heat sink, significantly reducing thermal resistance. --- ### 3. Application Use Cases The ATS-07D-121-C2-R0 is typically found in the following electronic systems: * **Network Switches/Routers:** Cooling ASICs that handle high-speed data. * **Embedded Systems:** Industrial PCs where space is limited but heat output is high. * **Power Supplies:** Cooling voltage regulators or MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and gold anodized heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Can the pushPIN system be reused if the component is replaced?