ATS-07B-07-C3-R0
AI

The **ATS-07B-07-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed by *Advanced Thermal Solutions (ATS)*, intended to dissipate heat from integrated circuits (ICs) such as CPUs, GPUs, or high-power transistors.
---
### Technical Specifications
The following table outlines the key physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Type** | Top Mount (Heat Sink) |
| **Dimensions** | 45mm x 45mm |
| **Height (Off Base)** | 12.00mm |
| **Thermal Resistance** | 17.09°C/W (at 100 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (with compression springs) |
---
### Key Components & Design Features
#### 1. Material and Construction
* **Aluminum Body:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides corrosion resistance and slightly improves radiant heat emissivity.
#### 2. The pushPIN™ Attachment System
This part uses a specific mechanical attachment method rather than thermal adhesive:
* **Push-Pins:** Plastic or brass pins that lock into pre-drilled holes on the PCB.
* **Compression Springs:** These provide precise, uniform pressure across the thermal interface material (TIM), ensuring maximum contact between the component and the heatsink.
#### 3. Thermal Performance
The efficiency of this part is measured by its **Thermal Resistance**. Lower values indicate better heat transfer.
* **At 100 LFM (Linear Feet per Minute):** 17.09°C/W.
* **At 700 LFM (High Airflow):** Performance improves significantly to approximately 2.15°C/W.
---
### Common Applications
The ATS-07B-07-C3-R0 is typically used in environments where space is limited but cooling is critical:
* **Telecommunications:** Network switches and routers.
* **Industrial PC:** Embedded systems and compact motherboards.
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
---
- ⤷
What is the difference between push-pin and adhesive mounting for heatsinks?
- ⤷ How do I calculate if this heatsink is sufficient for my specific chip's TDP?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?