ATS-07A-182-C2-R0
AI

The **ATS-07A-182-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series designed for thermal management of electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
The part number encodes specific physical and material characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | pushPIN™ HS | High-performance thermal interface |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and prevents corrosion |
| **Attachment** | Push-Pin | Secure mechanical mounting system |
| **Thermal Resistance** | 7.51 °C/W (Unducted) | Efficiency of heat dissipation at 100 LFM |
| **Dimensions** | 40mm x 40mm | Standard square footprint |
| **Height** | 15mm | Low profile for compact enclosures |
---
### 2. Component Design Details
#### A. Fin Geometry
* **Fin Type:** Straight Fin.
* **Pattern:** Designed for optimal airflow throughput. The spacing between fins minimizes pressure drop while maximizing the surface area available for convection.
#### B. Mounting Mechanism (Push-Pin)
This heat sink utilizes a specialized push-pin system rather than adhesive tape:
* **Springs:** Included to provide precise vertical pressure (Pre-assembled).
* **Hole Pattern:** Requires specific PCB hole diameters (usually 3.175mm) to lock the pins in place.
* **Reliability:** Mechanical attachment is superior to thermal tape in high-vibration environments.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied:** This specific model typically comes with **T412** thermal interface material.
* **Function:** Fills microscopic air gaps between the component die and the heat sink base to ensure maximum heat transfer.
---
### 3. Applications
The ATS-07A-182-C2-R0 is commonly used in:
* **Telecommunications:** Cooling of high-speed processors in routers and switches.
* **Embedded Systems:** Industrial PCs where vertical space is limited to 15mm.
* **Power Electronics:** Dissipating heat from MOSFETs or power regulators.
---
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there alternative push-pin materials available for high-temperature environments?
- ⤷ How do I calculate the correct hole spacing on my PCB for this heat sink?