ATS-06H-159-C1-R0
AI

The **ATS-06H-159-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, ASICs, and chipsets.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.07°C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material** | ATS-51 (Pre-applied Phase Change) |
| **Fin Style** | XC-CUT (Cross-cut) |
---
### 2. Key Electronic Features
#### A. Cross-Cut Fin Design
The "XC-CUT" geometry features square or rectangular pins/fins. Unlike straight fins, this design allows for **multi-directional airflow**. In complex electronic enclosures where air may swirl or change direction, this ensures the component remains cool regardless of the fan orientation.
#### B. Thermal Interface Material (TIM)
The part comes with **ATS-51** pre-applied. This is a high-performance thermal pad/wax that changes phase (softens) as the electronic component heats up, filling microscopic air gaps between the chip and the heat sink to maximize heat transfer.
#### C. Attachment & Mechanical Stress
The use of **brass push-pins** with a plastic compression spring ensures:
1. **Constant Pressure:** Maintains a secure contact force between the heat sink and the chip.
2. **Reliability:** Reduces the risk of the heat sink falling off during shipping or vibration, a common failure point in heavy electronic assemblies.
---
### 3. Application Use Cases
* **Networking Hardware:** Switches, routers, and high-speed modems.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Cooling for VRMs (Voltage Regulator Modules) or compact power converters.
---
### 4. Part Number Breakdown
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **06**: Fin height/series indicator.
* **H**: High performance/specific mounting style.
* **159**: Size/Footprint code (45mm x 45mm).
* **C1**: Color/Finish (Blue Anodized).
* **R0**: Revision/Standard RoHS compliance status.
- ⤷
How do I calculate the airflow requirements (LFM) for this heat sink?
- ⤷ What are the PCB hole diameter requirements for the brass push-pins?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied ATS-51?