công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-06G-98-C2-R0

  • AI
    The **ATS-06G-98-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling processors and integrated circuits. --- ### 1. Technical Specifications The following table summarizes the physical and thermal properties of this specific model: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push Pin (Brass) | | **Dimensions** | 45mm x 45mm x 15mm | | **Fin Style** | Straight Fin | | **Thermal Resistance** | 15.31°C/W (at 1.0 m/s airflow) | | **Thermal Interface Material** | T766 (High Performance Phase Change) | --- ### 2. Key Electronic & Mechanical Features #### A. Thermal Interface Material (TIM) This heat sink comes pre-applied with **T766 phase change material**. This is critical for electronics because it ensures minimum thermal resistance between the component (CPU/GPU/FPGA) and the heat sink base, allowing for efficient heat transfer. #### B. Push Pin Attachment Unlike adhesive tapes that can fail under high heat, the **ATS-06G-98-C2-R0** uses a mechanical push-pin system: * **Compression Springs:** Ensure consistent pressure across the surface of the chip. * **Reliability:** Resistant to vibration and mechanical shock, making it suitable for industrial or telecommunication equipment. #### C. Fin Design The "Straight Fin" geometry is optimized for **forced air cooling** (environments with fans). The aluminum construction provides a high thermal conductivity to weight ratio. --- ### 3. Applications This part is commonly found in: * **Telecommunications:** Networking switches and routers. * **Computing:** High-speed processors and logic gates. * **Power Electronics:** Voltage regulators and power modules that generate localized heat. ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of the Blue Anodized finish on this heat sink?
    • ⤷ How does the T766 phase change material compare to standard thermal grease?
    • ⤷ What is the recommended hole pattern on a PCB for installing this push-pin heat sink?