ATS-06G-159-C1-R0
AI

The **ATS-06G-159-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 10mm |
| **Fin Style** | XCUT (Cross-cut / Pin Fin) |
| **Thermal Resistance** | Approx. 10.68°C/W (Unducted Flow @ 200 LFM) |
---
### 2. Key Component Features
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the "C1" designation indicates it uses a **pushPIN™** mechanism. This provides:
* **High Pressure:** Ensures a tight interface between the heat sink and the component for better heat transfer.
* **Reliability:** Mechanical attachment is more durable than thermal tape under high-vibration conditions.
* **Uniformity:** The compression springs provide even pressure across the thermal interface material (TIM).
#### B. XCUT Fin Design
The "XCUT" geometry refers to a cross-cut pattern. This allows for:
* **Omnidirectional Airflow:** It can receive cooling air from any direction, making it ideal for crowded PCBs where airflow direction might be unpredictable.
* **Increased Surface Area:** The gaps between pins increase the total area available for convection.
#### C. Material and Finish
The unit is made of **Aluminum 6063**, which offers a good balance between weight and thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it provides:
* Corrosion resistance.
* Increased surface emissivity (improving radiant heat transfer).
* Electrical insulation on the surface of the aluminum.
---
### 3. Applications
This part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling signal processing chips in routers and switches.
2. **Embedded Systems:** For industrial computers where space (height) is limited to 10mm.
3. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
```text
ATS - 06 G - 159 - C1 - R0
| | | | |
| | | | +-- Revision Code
| | | +------- Attachment Type (pushPIN)
| | +------------- Series/Geometry ID
| +-------------------- Fin Style (Cross-cut)
+-------------------------- Advanced Thermal Solutions (Brand)
```
- ⤷
What is the hole pattern required on the PCB for the pushPIN attachment?
- ⤷ How does the thermal resistance change at higher airflow (e.g.
- ⤷ 500 LFM)?
- ⤷ Is a pre-applied thermal interface material (TIM) included with this part?