ATS-06F-93-C2-R0
AI

The **ATS-06F-93-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-velocity airflow environments.
---
### 1. Key Technical Specifications
Below are the electronic and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Product Category** | Passive Cooling / Heat Sink |
| **Series** | maxiFLOW™ |
| **Material** | Blue Anodized Aluminum |
| **Thermal Resistance** | 0.73°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Fin Style** | Straight (Spread fin) |
| **RoHS Status** | Compliant |
---
### 2. Physical Design and Construction
The "F" in the part number denotes a specific fin pattern and height. The design focuses on maximizing surface area while minimizing pressure drop.
* **MaxiFLOW™ Geometry:** Features a tapered fin design that increases airflow through the heat sink, reducing the "stagnant air" effect often found in standard square fins.
* **pushPIN™ Attachment:** This model uses a plastic or brass push-pin mechanism with a high-performance compression spring. This ensures consistent pressure on the electronic component (like a CPU or FPGA) to maximize heat transfer.
* **Thermal Interface Material (TIM):** Typically comes pre-applied with **T766**, a high-performance phase-change material or grease, ensuring low contact resistance between the chip and the aluminum.
---
### 3. Electronic Application
This part is typically used to cool high-heat-generating integrated circuits (ICs) in the following industries:
1. **Telecommunications:** Used on high-speed switching silicon.
2. **Data Centers:** Cooling for voltage regulator modules (VRMs) or processors.
3. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
### 4. Part Number Breakdown
Understanding the suffix codes:
* **-06:** Specific series/size indicator.
* **-93:** Fin height/configuration code.
* **-C2:** Indicates the color/finish (Blue Anodized) and the thermal performance grade.
* **-R0:** Revision status (Standard Lead-Free/RoHS).
---
- ⤷
What is the significance of the 0.73\u00b0C/W thermal resistance rating?
- ⤷ How does the pushPIN\u2122 mounting system compare to adhesive tapes?
- ⤷ Can this heat sink be used in natural convection environments without fans?