ATS-06F-91-C3-R0
AI

The **ATS-06F-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" attachment family, designed to provide efficient cooling for integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 6.27°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 10mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Component Breakdown
#### A. The Heat Sink Body
The body is constructed from high-grade aluminum. It uses a "Straight Fin" design, which is optimized for **forced-air cooling** (environments with fans). The vertical fins provide a large surface area for heat to dissipate into the surrounding airflow.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the `-R0` series uses a mechanical push-pin system.
* **Spring-Loaded:** Each pin is equipped with a compression spring to provide precise and consistent pressure on the component.
* **Reliability:** This prevents the heat sink from shifting during vibration or shipping, making it ideal for industrial or high-vibration environments.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates the specific type of thermal interface material pre-applied to the base. This is usually a high-performance phase-change material or thermal pad that fills microscopic air gaps between the chip and the heat sink to maximize heat transfer.
---
### 3. Part Number Decoding
Understanding the nomenclature helps in identifying the specific variant:
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **06:** Product Series
* **F:** Fin pitch/Density
* **91:** Specific dimensions and fin configuration
* **C3:** Thermal Interface Material (TIM) type
* **R0:** Revision code / RoHS Compliance status
---
### 4. Typical Applications
* **CPUs/GPUs:** Cooling microprocessors in embedded systems.
* **ASICs & FPGAs:** Managing heat in telecommunications and networking hardware.
* **Power Supplies:** Heat dissipation for power converters.
- ⤷
What are the advantages of push-pin mounting over thermal tape?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this heat sink?
- ⤷ Is the ATS-06F-91-C3-R0 compatible with standard 40mm fan mounts?