công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-06F-81-C2-R0

  • AI
    The **ATS-06F-81-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed for cooling electronic components like CPUs, GPUs, or high-speed ASICs. ### 1. Technical Specifications The following table summarizes the primary mechanical and thermal properties of the device: | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Heat Sink Type** | Push-Pin (XC-Cut) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 14.03°C/W (at 200 LFM) | | **Attachment Method** | Push-Pin (Brass) | | **Spring Type** | Compression Spring | | **Dimensions** | 30mm x 30mm x 20mm | --- ### 2. Key Features and Components * **Fin Design (XC-Cut):** The heat sink uses a cross-cut fin geometry. This design increases surface area and allows for multi-directional airflow, making it ideal for systems where airflow direction might be irregular or turbulent. * **Attachment Mechanism:** It utilizes a **Push-Pin** system. This involves a pre-drilled hole in the PCB through which a plastic or metal pin is inserted. A spring provides the necessary downward force (pressure) to ensure a tight bond between the component and the heat sink. * **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **ATS-CP-V2**, which is a high-performance thermal grease used to eliminate air gaps between the chip and the aluminum surface. --- ### 3. Applications This part is commonly found in the following electronic environments: 1. **Network Switches/Routers:** For cooling high-speed processors. 2. **Embedded Systems:** Where space is limited but thermal dissipation is critical. 3. **Industrial Controls:** To prevent thermal throttling in logic controllers. ### 4. Part Number Breakdown ```text ATS - 06 - F - 81 - C2 - R0 | | | | | | | | | | | +-- Revision Code | | | | +------- Color/Finish (C2: Blue Anodized) | | | +------------ Series/Size Reference | | +----------------- Fin Pitch/Style | +---------------------- Fin Height/Family +---------------------------- Advanced Thermal Solutions ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between XC-Cut and straight fin designs in heat sinks?
    • ⤷ How do I calculate the required hole size for the push-pin installation?
    • ⤷ Are there alternative Thermal Interface Materials (TIM) recommended for this part?