ATS-06F-80-C2-R0
AI

The **ATS-06F-80-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "pushPIN™" series, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.88°C/W (at 100 LFM) to 0.81°C/W (at 700 LFM) |
| **Dimensions** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Physical Design Features
* **Fin Style (Fine-Pitch):** The "F" in the part number indicates a fine-pitch fin pattern. This increases the surface area for heat dissipation, making it ideal for high-velocity airflow environments.
* **pushPIN™ Attachment:** This system uses a flexible, tool-free mechanism. It consists of a pin and a spring that applies precise pressure to the component, ensuring maximum contact with the heat source.
* **Material Selection:** The 6063 aluminum alloy provides an excellent balance between thermal conductivity, weight, and corrosion resistance.
---
### 3. Thermal Performance Profile
The effectiveness of this heat sink is highly dependent on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 1.88 |
| 300 (1.5 m/s) | 1.11 |
| 500 (2.5 m/s) | 0.90 |
| 700 (3.5 m/s) | 0.81 |
---
### 4. Implementation Example
If you are designing a PCB with a high-speed processor or FPGA, you would use this part to prevent thermal throttling.
```markdown
# Application Steps:
1. Locate the 30x30mm footprint on the PCB.
2. Ensure two 3.0mm mounting holes are drilled at the specified pitch.
3. Align the pre-applied T766 thermal pad over the component.
4. Press the pushPINs until they "click" into the PCB holes.
```
- ⤷What are the specific hole dimensions required for the pushPIN attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a different height for low-profile applications?