ATS-06F-74-C2-R0
AI

The **ATS-06F-74-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling power-hungry integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) with Compression Spring |
| **Fin Type** | Straight Fin |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 2.03 °C/W (at 200 LFM) |
| **Compatibility** | Standard PCB mounting holes |
---
### 2. Key Component Features
#### A. Advanced Thermal Design
* **Straight Fin Geometry:** This design provides low pressure drop and is ideal for systems with directed airflow.
* **High-Performance Interface:** It is typically paired with high-conductivity Thermal Interface Material (TIM) to bridge the gap between the heat source and the aluminum base.
#### B. Mounting Mechanism
* **Push Pin System:** The part uses a spring-loaded brass push pin. This ensures consistent pressure across the chip surface, which is critical for maximizing heat transfer and preventing the heat sink from shifting during vibration.
* **Spring Type:** The "R0" designation usually refers to a specific spring force designed to provide high tension without damaging the PCB.
#### C. Material Science
* **Aluminum 6063:** This alloy is chosen for its excellent thermal conductivity and structural integrity.
* **Blue Anodizing:** Beyond aesthetics, the anodized coating increases surface emissivity and provides electrical insulation and corrosion resistance.
---
### 3. Application Use-Cases
This specific heat sink is commonly found in:
* **Networking Equipment:** Routers, switches, and high-speed modems.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling high-wattage MOSFETs or voltage regulators.
---
- ⤷
What are the specific mounting hole requirements for the ATS-06F-74-C2-R0?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is pre-applied thermal interface material (TIM) included with this model?