AI

The **ATS-06F-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for secure and efficient cooling of electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 15.0mm |
| **Thermal Resistance** | 19.03 °C/W (Unducted Flow @ 200 LFM) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design Elements
* **Straight Fin Geometry:** The fins are aligned in a straight pattern. This design is optimized for environments where there is a consistent, unidirectional airflow. It minimizes pressure drop across the heatsink.
* **Push-Pin Attachment:** Instead of using adhesives or solder, this unit uses a spring-loaded push-pin mechanism.
* **Advantage:** Provides consistent pressure on the component, improving thermal transfer.
* **Ease of Use:** Allows for quick installation and removal without damaging the PCB.
* **T766 Thermal Interface:** The unit comes pre-applied with a high-performance thermal pad/grease (T766), ensuring there are no air gaps between the heatsink base and the heat source.
---
### 3. Thermal Performance Analysis
Thermal management is calculated based on Linear Feet per Minute (LFM) of airflow:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 19.03 |
| 300 (1.5 m/s) | 5.40 |
| 500 (2.5 m/s) | 3.63 |
**Note:** As airflow increases, the efficiency of the heatsink improves drastically, making it suitable for active-cooling environments (systems with fans).
---
### 4. Common Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking:** Routers, switches, and high-speed modems.
* **Power Electronics:** Voltage regulators and power modules that generate significant heat in a small footprint.
---
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the 'C2' designation in the part number affect the anodization or material choice?
- ⤷ Can this heatsink be used in passive cooling environments without a fan?