ATS-06F-38-C2-R0
AI

The **ATS-06F-38-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## 🛠️ Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Part Number** | ATS-06F-38-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Fin Type** | Straight Fin (Extruded) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 28.45mm |
| **Thermal Resistance** | 6.42°C/W (at 100 LFM airflow) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 🔍 Key Electronic Design Elements
### 1. Attachment Mechanism (Push-Pin & Spring)
Unlike adhesive-based heatsinks, this part uses a **Push-Pin** system. This provides several advantages for PCB design:
* **Constant Pressure:** The springs ensure uniform contact pressure between the heatsink and the component, optimizing heat transfer.
* **Secure Mounting:** It prevents the heatsink from shifting due to vibration or shock.
* **Required Hole Pattern:** The PCB must have specific pre-drilled holes to accommodate the pins.
### 2. Thermal Interface Material (T766)
The part comes with **T766** pre-applied to the base. This is a phase-change or high-performance thermal grease that fills microscopic air gaps between the electronic component's package and the aluminum base, significantly reducing thermal impedance.
### 3. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization layer protects against corrosion and slightly increases surface emissivity, which aids in radiant cooling.
### 4. Aerodynamic Fin Design
The **Straight Fin** geometry is optimized for "open-air" or "ducted" airflow. Because the fins are vertical and parallel, they offer low resistance to air passing through, making them ideal for systems with standard cooling fans.
---
## 📈 Performance vs. Airflow
The efficiency of this part depends heavily on the Linear Feet per Minute (LFM) of airflow provided by the system fan:
* **@ 200 LFM:** Thermal resistance drops to approximately **3.28°C/W**.
* **@ 500 LFM:** Thermal resistance drops further to approximately **1.94°C/W**.
- ⤷
What are the PCB hole diameter requirements for the ATS-06F push-pins?
- ⤷ How does the T766 thermal material compare to standard silicone grease?
- ⤷ Can this heatsink be used in passive cooling applications without a fan?