ATS-06F-36-C2-R0
AI

The **ATS-06F-36-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Plastic) |
| **Material** | Aluminum |
| **Fin Type** | Straight Fin |
| **Fin Pitch** | Fine Pitch |
| **Dimensions (L x W)** | 36.83mm x 36.83mm |
| **Height** | 15.00mm |
| **Thermal Resistance** | 14.82°C/W (at 100 LFM) |
| **Finish** | Blue Anodized |
---
### 2. Key Components & Design
The "electronic" functionality of this part is passive, relying on thermodynamics to manage heat.
* **Heat Sink Body:** Constructed from high-grade aluminum. The straight-fin design provides a large surface area for air to pass through, facilitating convective cooling.
* **Push-Pin Attachment:** This model uses a specialized push-pin mechanism. It includes a compression spring that provides the precise amount of force (pressure) required to ensure a secure fit against the electronic component.
* **Thermal Interface Material (TIM):** This specific model (C2) usually comes with **T766** phase-change material or similar pre-applied. The TIM fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
---
### 3. Thermal Performance Data
Performance is measured by Thermal Resistance (°C/W). Lower values indicate better cooling efficiency.
| Air Velocity (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| 100 (0.5 m/s) | 14.82 °C/W |
| 300 (1.5 m/s) | 5.96 °C/W |
| 500 (2.5 m/s) | 4.42 °C/W |
| 700 (3.5 m/s) | 3.77 °C/W |
---
### 4. Part Number Breakdown
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **06:** Series/Fin geometry.
* **F:** Fin pitch (Fine).
* **36:** Length/Width dimension (approx. 36mm).
* **C2:** Thermal Interface Material (TIM) type (T766).
* **R0:** RoHS compliant (Standard packaging/revision).
- ⤷
What are the mounting hole requirements for the push-pin mechanism?
- ⤷ How does the 'Fine' fin pitch compare to 'Ultra-Fine' in terms of airflow resistance?
- ⤷ Can this heat sink be used with a custom fan attachment?