ATS-06F-20-C2-R0
AI

The **ATS-06F-20-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 7.14°C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Key Features and Design
The part number can be broken down to understand its specific engineering features:
* **pushPIN™ Attachment:** This system uses a spring-loaded pin mechanism. This provides a precise, consistent pressure (preload) against the component, which optimizes the thermal interface material (TIM) performance.
* **Straight Fin Design:** The "F" in the part number often denotes a specific fin orientation. Straight fins are ideal for environments with consistent, directional airflow.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized coating provides increased surface area at a microscopic level and protects the aluminum from corrosion.
* **C2 Thermal Interface:** The "C2" suffix typically indicates that the heat sink comes pre-applied with a high-performance Thermal Interface Material (T-605 or similar), simplifying the assembly process.
---
### 3. Application Use Cases
This specific heat sink is categorized as a "High-Flow" solution, suitable for:
1. **Telecommunications:** Cooling high-speed processing chips in routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but heat output is high.
3. **Power Electronics:** Dissipating heat from MOSFETs or IGBTs in power supply units.
---
### 4. Thermal Performance Overview
Thermal resistance is critical. As airflow (measured in Linear Feet per Minute - LFM) increases, the resistance decreases, allowing the component to stay cooler.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.14 |
| 300 (1.5 m/s) | 2.62 |
| 500 (2.5 m/s) | 1.73 |
- ⤷
What are the specific hole patterns required on the PCB for the push-pin mounting?
- ⤷ How does the 'C2' thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?