ATS-06F-191-C2-R0
AI

The **ATS-06F-191-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **push-pin** attachment series designed for cooling electronic components such as CPUs, GPUs, and other high-power ICs.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-06F-191-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.90°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Components
#### A. Fin Geometry (Straight Fin)
The "191" series features a **straight-fin** design. This is optimized for systems with a clear, directional airflow (unidirectional). Straight fins offer low pressure drop, making them efficient in server racks or chassis with dedicated cooling fans.
#### B. Push-Pin Attachment Mechanism
This part uses a spring-loaded push-pin system.
* **Reliability:** Provides consistent pressure on the component to ensure maximum heat transfer.
* **Ease of Use:** Allows for quick installation without the need for specialized tools or adhesives.
* **Safety:** The springs prevent over-tightening, which protects the delicate silicon die of the chip.
#### C. Material and Finish
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Coating:** The blue finish is not just aesthetic; it increases the surface emissivity, slightly improving radiant heat transfer and providing corrosion resistance.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how effectively the part moves heat away from the electronic component. Lower values are better.
* **@ 200 LFM (Linear Feet per Minute):** 2.90°C/W
* **@ 500 LFM:** ~1.40°C/W
* **@ 800 LFM:** ~1.00°C/W
---
### 4. Typical Applications
* **Networking Gear:** Switches, routers, and high-speed modems.
* **Computing:** Secondary processors or chipsets on motherboards.
* **Industrial Power:** LED drivers or power modules that generate significant heat in a small footprint.
- ⤷
What is the hole pattern required on the PCB for this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a different fin height for low-profile applications?