ATS-06F-181-C2-R0
AI

The **ATS-06F-181-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or damage.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Detail |
| :--- | :--- |
| **Product Type** | Push-Pin Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Fin Type** | Fine-Pitch (increases surface area) |
| **Attachment Method** | Push-Pin (with Compression Spring) |
| **Thermal Resistance** | Approx. 11.95°C/W (at 100 LFM) |
---
### 2. Component Dimensions
Precise physical measurements are critical for PCB layout and clearance:
* **Length x Width:** 40mm x 40mm
* **Height:** 10mm (Low Profile)
* **Pin Material:** Brass/Plastic depending on specific variant configuration.
* **Thermal Interface Material (TIM):** Usually comes pre-applied with T766 phase change material or similar.
---
### 3. Key Electronic Functions
While the part itself is passive (no electrical power required), its role in an electronic circuit is vital for stability:
1. **Thermal Dissipation:** It draws heat away from the silicon die through the top of the package.
2. **Increased Lifespan:** By keeping the junction temperature ($T_j$) low, it prevents premature component failure via electromigration.
3. **Mechanical Stability:** The push-pin design ensures consistent pressure on the component, maintaining a reliable bond between the heat source and the cooling fins.
---
### 4. Application Areas
This specific model is commonly found in:
* **Embedded Systems:** Industrial PCs and small form factor controllers.
* **Telecommunications:** Network switches and routers.
* **Power Electronics:** Voltage regulators and motor drivers where space is limited.
---
- ⤷How do I calculate the correct LFM for this heat sink?
- ⤷ What is the benefit of the blue anodized finish over plain aluminum?
- ⤷ Does this model support custom mounting hole patterns?