ATS-06F-147-C3-R0
AI

The **ATS-06F-147-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. | Part of the "pushPIN™" Series |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Enhances corrosion resistance and thermal radiation |
| **Attachment Method** | pushPIN™ | Spring-loaded brass pins for secure mounting |
| **Thermal Resistance** | 13.65°C/W (Unducted) | Measures efficiency at 100 LFM airflow |
| **Dimensions** | 35mm x 35mm x 10mm | Low profile design for tight spaces |
---
### 2. Design Characteristics
This heat sink utilizes a **Fine Pitch Straight-Fin** design. This is optimized for specific airflow conditions:
* **Heat Sink Profile:** The 10mm height makes it ideal for 1U servers or compact embedded systems.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T412** pre-applied. This is a phase-change material that ensures high thermal coupling between the component and the aluminum.
* **Mounting System:** The `pushPIN™` system consists of a flexible spring mechanism that provides consistent pressure, improving thermal transfer and protecting the chip from physical shock.
---
### 3. Application Use Cases
This component is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Embedded Systems:** Industrial PCs where space is limited but processing power generates significant heat.
3. **Power Electronics:** Dissipating heat from Voltage Regulator Modules (VRMs).
---
### 4. Thermal Performance Table
*Performance varies based on airflow (Measured in Linear Feet per Minute - LFM):*
| Airflow Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 13.65 | 5.69 | 4.07 | 3.39 |
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ Can the pushPIN mounting system be reused if the heat sink is moved?
- ⤷ Which Thermal Interface Materials are compatible with the ATS-06F-147-C3-R0?