ATS-06F-124-C2-R0
AI

The **ATS-06F-124-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed specifically for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
The model number encodes specific data about the thermal performance and physical dimensions:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 50mm x 50mm x 25mm |
| **Fin Type** | XC-CUT (Cross-cut) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | ~3.25 °C/W (at 200 LFM) |
| **Pressure Spring** | Brass Spring |
---
### 2. Physical Design Features
#### XC-CUT Fin Geometry
The "XC-CUT" design refers to a straight-fin heat sink that has been cross-cut to create a grid of square or rectangular pins.
* **Omnidirectional Airflow:** Unlike straight fins that require air to flow along the channel, the cross-cut design allows air to enter from any direction, making it ideal for enclosures with unpredictable airflow.
* **Surface Area:** This design maximizes the surface area exposed to the air without significantly increasing the footprint.
#### Attachment Mechanism (Push-Pin)
This part uses a **Plastic Push-Pin** with a **Brass Spring**.
* **Reliability:** The spring provides a consistent "clamping force" (pressure) between the heat sink and the component, ensuring the Thermal Interface Material (TIM) works efficiently.
* **Installation:** It requires pre-drilled holes in the PCB.
---
### 3. Thermal Performance Profile
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). A lower number indicates better cooling.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 3.25 |
| **300 (1.5 m/s)** | 2.32 |
| **500 (2.5 m/s)** | 1.65 |
---
### 4. Component Application
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied (a high-performance phase-change material) or a similar thermal pad.
* **Use Cases:** It is commonly used for cooling FPGAs, ASICs, and high-wattage power converters where natural convection is insufficient and forced-air (fans) is present.
- ⤷
What are the PCB hole diameter requirements for the ATS push-pin system?
- ⤷ How does the blue anodized finish affect the thermal radiation properties?
- ⤷ Are there low-profile versions of the ATS-124 series for 1U server racks?