ATS-06F-12-C2-R0
AI

The **ATS-06F-12-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 50mm x 50mm x 12.7mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 15.84°C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
| **Fin Style** | Straight Fin |
---
### 2. Key Electronic & Mechanical Components
#### A. Heat Sink Body (The Fin Array)
The body is made of extruded aluminum. Aluminum is chosen for its high thermal conductivity and lightweight properties. The **Straight Fin** design allows for optimal airflow in a single direction, typically used in systems with dedicated chassis fans.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the "06F" model uses a mechanical push-pin system:
* **Material:** Brass with a plastic cap.
* **Spring:** A high-tension spring ensures consistent pressure between the heat sink and the electronic chip, which is critical for maximizing heat transfer.
* **Safety:** Mechanical attachment is more reliable than tape in high-vibration environments.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the chip surface and the heat sink base.
* **Benefit:** This reduces contact resistance, allowing heat to flow more efficiently out of the electronic component.
---
### 3. Application Use Cases
This component is typically found in the following electronic assemblies:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs where mechanical stability (push-pins) is required over adhesive.
3. **Power Electronics:** Dissipating heat from large MOSFET arrays or voltage regulators.
- ⤷
What are the advantages of using push-pins over thermal adhesive?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What is the recommended hole pattern for mounting this heat sink on a PCB?