ATS-06F-113-C2-R0
AI

## Electronic Component Analysis: ATS-06F-113-C2-R0
The **ATS-06F-113-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed specifically for thermal management of electronic components like CPUs, GPUs, and other integrated circuits.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-06F-113-C2-R0 |
| **Heat Sink Type** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Spring loaded) |
| **Thermal Resistance** | 1.17 °C/W (at 100 LFM) |
| **Dimensions** | 40mm x 40mm x 10mm |
---
### 2. Physical Design and Construction
This part is engineered to maximize surface area for heat dissipation while maintaining a low profile.
* **Material:** Made of high-grade aluminum for high thermal conductivity and low weight.
* **Fin Style:** Features a "Fine-Pitch" design (straight fins), which is optimized for systems with higher airflow.
* **Finish:** The blue anodized coating not only provides an aesthetic look but also offers corrosion resistance and improves emissivity.
---
### 3. Mounting Mechanism (pushPIN™)
The "pushPIN™" system is a key feature of this component. It is designed to provide a secure and vibration-resistant attachment to the Printed Circuit Board (PCB).
* **Hardware:** Includes a brass or plastic push pin and a high-performance compression spring.
* **Uniform Pressure:** The spring ensures consistent pressure is applied across the thermal interface material (TIM) for optimal heat transfer.
* **Ease of Install:** Designed for quick assembly with pre-drilled holes in the PCB.
---
### 4. Thermal Performance Data
Performance varies based on the Airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 1.17 |
| 200 (1.0 m/s) | 1.05 |
| 300 (1.5 m/s) | 0.95 |
| 400 (2.0 m/s) | 0.88 |
---
### 5. Common Applications
* **Consumer Electronics:** High-end routers and modems.
* **Industrial PC:** Small form factor industrial controllers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
* **Telecommunications:** Cooling of high-speed processing chips.
- ⤷What type of Thermal Interface Material (TIM) is typically pre-applied to this heat sink?
- ⤷ Can the push pin size be customized for different PCB thicknesses?
- ⤷ How does the fin pitch of the ATS-06F compare to the 'XC' series?