ATS-06F-08-C3-R0
AI

The **ATS-06F-08-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 14.32 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **TIM (Thermal Interface Material)** | T412 (Pre-applied) |
---
### 2. Design Breakdown
* **Fin Configuration:** The "Fine-Pitch" design maximizes the surface area within a small footprint, making it ideal for high-density PCB layouts where airflow may be limited.
* **Attachment (pushPIN™):** This part uses a specialized attachment mechanism consisting of a brass or plastic pin and a compression spring. This ensures a secure, uniform pressure across the component, optimizing heat transfer.
* **C3 Rating:** In the ATS nomenclature, "C3" typically refers to the specific material and finish combination (Blue Anodized Aluminum), providing both durability and improved radiation cooling.
* **Thermal Interface Material (T412):** This heat sink comes with a pre-applied phase-change material or high-performance grease, which fills microscopic air gaps between the chip and the heat sink.
---
### 3. Application Use Cases
This component is generally used in environments where electronic components generate significant heat but have limited vertical clearance.
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial single-board computers (SBCs).
3. **Power Electronics:** Cooling MOSFETs or small power modules.
4. **Computing:** Chipset or memory controller cooling on motherboards.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 14.32 |
| 300 | 1.5 | 4.46 |
| 500 | 2.5 | 3.00 |
| 700 | 3.5 | 2.39 |
- ⤷
How does the pushPIN™ attachment compare to standard adhesive heat sinks?
- ⤷ What are the specific hole patterns required for mounting the ATS-06F-08-C3-R0?
- ⤷ Can the pre-applied T412 TIM be replaced with third-party thermal paste?