ATS-06F-08-C2-R0
AI

The **ATS-06F-08-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series and is designed for electronic components that require efficient thermal management, such as CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance (Unducted)** | 14.61 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.33 °C/W @ 100 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Pitch** | Fine Pitch |
---
### 2. Key Components & Features
* **Heat Sink Material:** Constructed from high-grade aluminum to balance weight and thermal conductivity.
* **Push-Pin Attachment:** Features a spring-loaded mechanism that ensures consistent pressure on the component (e.g., a chip), improving heat transfer through the thermal interface material (TIM).
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** high-performance thermal grease or a similar phase-change material.
* **Fine Pitch Fin Design:** The "F" in the part number indicates a fine-pitch fin structure, which maximizes surface area for heat dissipation in environments with higher airflow.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific configuration:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | ATS-06 | Part of the pushPIN™ Series |
| **Fin Type** | F | Fine Pitch Fin geometry |
| **Dimensions** | 08 | Specific footprint/height profile |
| **Material/Finish** | C2 | Blue Anodized Finish |
| **Compliance** | R0 | RoHS-6 Compliant |
---
### 4. Application Use Cases
This heat sink is commonly used in:
1. **Networking Hardware:** Cooling ASICs in routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the difference between Fine Pitch and Coarse Pitch fins in thermal management?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Are there alternative attachment methods if the PCB does not support push-pins?