ATS-06F-07-C3-R0
AI

The **ATS-06F-07-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series, designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 17.09 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
## 2. Key Design Features
### Thermal Efficiency
The "07" in the part number denotes the specific fin pattern and height. This model uses a **fine-pitch fin design** which increases the surface area for heat dissipation, making it ideal for high-density PCB layouts where airflow may be restricted.
### Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, the pushPIN™ system uses:
* **Compression Springs:** Provides precise pressure to ensure optimal contact with the component.
* **Plastic/Brass Push Pins:** Securely locks the heat sink into pre-drilled holes on the PCB.
* **Reliability:** Highly resistant to shock and vibration compared to "peel-and-stick" solutions.
### Material & Coating
* **Aluminum Construction:** Offers a balance between lightweight design and thermal conductivity.
* **Blue Anodized Finish:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and slightly improves radiative cooling.
---
## 3. Applications
This heat sink is typically found in:
* **Network Switches/Routers:** Cooling processors that handle high data throughput.
* **Industrial Power Supplies:** Managing heat in voltage regulators.
* **Embedded Systems:** Protecting SoCs (System on Chips) in compact enclosures.
---
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the T412 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a different height or fin density?