ATS-06F-06-C3-R0
AI

The **ATS-06F-06-C3-R0** is a specific high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" heat sink series designed for cooling integrated circuits (ICs) and other electronic components.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 20.27 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Fin Style** | Fine Pitch (Straight Fin) |
---
### Key Electronic & Mechanical Features
#### 1. Thermal Management Efficiency
The primary role of this part is to dissipate heat generated by active electronic components like CPUs, GPUs, or FPGAs. It features a **Straight Fin** design which provides a large surface area for heat exchange, optimized for environments with forced air cooling (fans).
#### 2. Push-Pin Attachment System
Unlike adhesive-based heat sinks, the "06F" series uses a mechanical push-pin system:
* **Stability:** Provides consistent pressure on the component to improve thermal interface material (TIM) performance.
* **Reliability:** Prevents the heat sink from shifting or falling off due to vibration or thermal cycling.
* **Pre-drilled Holes:** Requires the PCB to have specific hole patterns (20mm or 32mm spacing depending on the specific sub-model).
#### 3. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodization:** Beyond aesthetics, the anodized coating increases emissivity and provides a layer of electrical insulation and corrosion resistance.
#### 4. Thermal Interface Material (TIM)
The "C3" designation often implies that the part comes pre-applied with a high-performance thermal phase-change material or grease, ensuring minimal air gaps between the heat source and the aluminum base.
---
### Comparison of Airflow Performance
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 20.27 |
| 200 | 9.03 |
| 400 | 5.38 |
| 600 | 4.23 |
---
- ⤷
What are the PCB hole requirements for the push-pin mounting on this model?
- ⤷ How does blue anodization compare to black anodization in thermal performance?
- ⤷ Can this heat sink be used with a custom clip instead of push-pins?