ATS-06D-86-C2-R0
AI

The **ATS-06D-86-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components like CPUs, GPUs, and power modules.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Dimensions** | 35.00mm x 35.00mm x 15.00mm |
| **Attachment Type** | Push Pin (Plastic) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.50 °C/W (at 200 LFM) |
| **Fin Type** | Fine Pitch (Straight) |
---
### 2. Key Electronic Features
The "ATS-06D-86-C2-R0" is part of the **pushPIN™** Heat Sink Assembly system. Its design focuses on three main electronic cooling requirements:
#### A. Thermal Performance (Heat Dissipation)
The "C2" in the part number indicates a specific thermal interface material (TIM). This unit usually comes pre-applied with **T766 phase change material**, which minimizes the thermal resistance between the heat source (the silicon chip) and the aluminum fins.
#### B. Mounting Mechanism
It utilizes a **Push-Pin** system with a compression spring. This is critical for electronics because:
* It ensures consistent pressure across the chip surface.
* The plastic pins prevent electrical conductivity/shorting near the mounting holes.
* It is designed for easy installation on PCBs with pre-drilled holes.
#### C. Airflow Optimization
The fine-pitch straight fins are optimized for **forced air cooling**. In electronic enclosures where fans are present, the spacing allows for maximum surface area contact with the air while maintaining a low pressure drop.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific electronic fit:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **06**: Fin count/style variation.
* **D**: Material/Style category.
* **86**: Dimensional code (35mm footprint).
* **C2**: Thermal Interface Material (T766) and specific spring tension.
* **R0**: RoHS Compliance (Lead-free and environmentally safe for global electronics standards).
---
- ⤷
What is the significance of the 'Blue Anodized' finish in heat sinks?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can this heat sink be used for passive cooling without a fan?