công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-06D-79-C3-R0

  • AI
    The **ATS-06D-79-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed to provide high thermal performance in environments with constrained airflow. --- ### 1. Technical Specifications The following table summarizes the physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 25mm x 25mm x 30mm | | **Thermal Resistance** | 2.63°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Pressure Type** | High Pressure (optimized for high density) | | **Compliance** | RoHS Compliant | --- ### 2. Key Design Elements #### A. Fin Geometry (maxiFLOW™) The "maxiFLOW" design features a flared fin structure. Unlike standard square heat sinks, these fins spread outwards, which increases the surface area and creates a larger intake for airflow. This effectively reduces the thermal resistance while maintaining a small footprint on the PCB. #### B. pushPIN™ Attachment Instead of using messy thermal adhesives or tapes, this model uses a mechanical **pushPIN™** system: * **Integrated Springs:** Provides consistent pressure across the interface for optimal heat transfer. * **Hardware:** Features a brass pin and a stainless steel spring for durability. * **Installation:** Requires pre-drilled holes in the PCB. #### C. Thermal Interface Material (TIM) The "R0" suffix usually indicates that the heat sink comes with a pre-applied high-performance **Thermal Interface Material**. This ensures that the microscopic gaps between the heat sink base and the electronic component (CPU, GPU, or FPGA) are filled to minimize heat resistance. --- ### 3. Common Applications This specific part is used for cooling high-heat-generating surface-mount components, such as: * **Telecommunications:** Network switches and routers. * **Industrial PC:** Embedded controllers where space is limited but power density is high. * **Power Supplies:** Cooling MOSFETs or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ How does the pushPIN mounting system compare to standard adhesive backing?
    • ⤷ What is the significance of the 'Blue Anodized' finish on the heat sink?
    • ⤷ Can you explain the impact of LFM (Linear Feet per Minute) on the thermal resistance of this part?