ATS-06D-68-C2-R0
AI

The **ATS-06D-68-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Series** | pushPIN™ | Uses a push-pin attachment mechanism |
| **Base Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases corrosion resistance and emissivity |
| **Fin Type** | Fine Pitch | Maximizes surface area for heat dissipation |
| **Attachment Type** | Push-Pin | Secure mounting using spring-loaded pins |
| **Thermal Resistance** | 15.31 °C/W (Unducted) | Performance at 100 LFM (Linear Feet per Minute) |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB layout and ensuring the heat sink does not interfere with neighboring components.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 45.00 mm |
| **Width (B)** | 45.00 mm |
| **Height (C)** | 15.00 mm |
| **Hole Spacing (E)** | 50.00 mm |
| **Hole Spacing (F)** | 50.00 mm |
---
### 3. Electronic Application & Features
The ATS-06D-68-C2-R0 is engineered for modern electronic assemblies with the following features:
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** phase-change material, which fills microscopic air gaps between the heat sink and the component to improve heat transfer.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, the push-pin design ensures a consistent, high-pressure contact between the heat sink and the component, which is vital for long-term reliability.
* **Airflow Optimization:** The "Cross-Cut" or "Straight Fin" design (depending on the specific revision within the 68-C series) is optimized for forced-air cooling environments (fans).
---
### 4. Typical Use Cases
* **Voltage Regulator Modules (VRMs):** Managing heat in power conversion circuits.
* **Application Specific Integrated Circuits (ASICs):** Cooling custom chips in networking gear.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do I calculate the required airflow for the ATS-06D-68-C2-R0?
- ⤷ What are the compatible push-pin sizes for a 1.6mm thick PCB?