ATS-06D-67-C2-R0
AI

The **ATS-06D-67-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 20.30°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
| **Pitch** | Fine Pitch |
---
### 2. Physical Design Details
The part utilizes a specific design language meant for high-density electronic assemblies:
* **Straight Fin Profile:** The "straight fin" design is optimized for high-performance airflow environments. It provides a large surface area for heat exchange relative to its low height.
* **pushPIN™ Attachment:** This system features a pre-assembled brass or plastic pin and a compression spring. It is designed to provide the exact amount of pressure required for optimal thermal interface material (TIM) performance without damaging the PCB.
* **Low Profile:** With a height of only **10.00mm**, this heat sink is ideal for "1U" server racks or low-clearance consumer electronics.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how effectively the part moves heat away from the component. Lower values are better at higher airflows (measured in Linear Feet per Minute - LFM).
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 20.30 |
| 300 | 1.5 | 6.67 |
| 500 | 2.5 | 4.07 |
| 700 | 3.5 | 3.10 |
---
### 4. Key Component Materials
* **Body:** High-grade aluminum for lightweight and efficient thermal conductivity.
* **Finish:** Blue Anodized, which provides corrosion resistance and a slight improvement in emissivity.
* **Springs:** Specialized springs provide precise tension to ensure a "firm" seat on the chip, preventing air gaps.
- ⤷
What are the PCB hole diameter requirements for the push-pin attachment?
- ⤷ Can this heat sink be used with a pre-applied Phase Change Material?
- ⤷ How does the pressure of the pushPIN system affect the Thermal Interface Material?