công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-06D-52-C3-R0

  • AI
    The **ATS-06D-52-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "push pin" series designed for efficient thermal management of electronic components like CPUs, GPUs, and power transistors. --- ### 1. Key Technical Specifications Below are the primary physical and thermal characteristics of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 35mm x 35mm x 25mm | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Thermal Resistance** | 10.88 °C/W (at 100 LFM) | | **Fin Pattern** | Straight Fin (cross-cut) | | **Thermal Interface Material** | T412 (Phase-change material) | --- ### 2. Breakdown of Electronic/Mechanical Components This part is not an "electronic" component in the sense of having circuits, but it is an essential **mechanical-thermal** component for electronics. It consists of three main parts: #### A. The Heat Sink Body * **Thermal Conductivity:** Made of high-grade aluminum to pull heat away from the silicon die. * **Fin Design:** Features a "cross-cut" or square-pin fin geometry. This allows for multi-directional airflow, making it effective even if the cooling fan's direction isn't perfectly aligned with the sink. #### B. The Attachment System (Push Pins) * **Mechanism:** It uses pre-assembled push pins and springs. * **Spring Force:** The springs provide a calculated amount of downward pressure (clamping force) on the electronic chip, ensuring maximum contact without cracking the delicate substrate. #### C. Thermal Interface Material (TIM) * **T412:** The base comes pre-applied with T412. This is a material that fills microscopic air gaps between the chip and the heat sink. It "wets" the surface as it heats up to significantly lower thermal resistance. --- ### 3. Application Use Cases The ATS-06D-52-C3-R0 is typically used in the following scenarios: 1. **Networking Hardware:** Cooling ASICs in switches and routers. 2. **Embedded Systems:** Industrial PCs where space is limited but high airflow is present. 3. **Power Electronics:** Dissipating heat from high-speed FPGA modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative attachment methods to push-pins for this heat sink size?
    • ⤷ How does the T412 thermal interface material compare to standard thermal paste?
    • ⤷ What is the pressure rating of the springs used in the ATS-06D series?