công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-06D-46-C3-R0

  • AI
    The **ATS-06D-46-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heatsink**. It belongs to the *maxiFLOW™* series, designed for high-velocity airflow environments to cool integrated circuits (ICs). --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Part Number** | ATS-06D-46-C3-R0 | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ | | **Dimensions (L x W)** | 36.83 mm x 36.83 mm | | **Height (Fin Depth)** | 25 mm | | **Thermal Resistance** | 11.87°C/W (at 100 LFM) | | **Fin Style** | High-performance Tapered Fin (maxiFLOW™) | --- ### 2. Core Electronic/Thermal Components #### A. The pushPIN™ Attachment Unlike standard glue-on heatsinks, this model uses a **pushPIN™** system. This consists of: * **Compression Springs:** Provide precise pressure (Force) to ensure maximum contact between the heatsink base and the chip. * **Plastic/Brass Pins:** Secure the unit through pre-drilled holes in the PCB. #### B. Thermal Interface Material (TIM) The "R0" suffix usually indicates the inclusion of a pre-applied **Thermal Interface Material**. * **Function:** It fills microscopic air gaps between the CPU/GPU surface and the aluminum base to increase heat transfer efficiency. #### C. Fin Design (maxiFLOW™) The electronic effectiveness of this part relies on its **tapered fin geometry**. This design: * Reduces pressure drop across the component. * Increases the surface area for convective cooling. * Allows air to flow more freely through the fin array compared to standard square-cut fins. --- ### 3. Application Use Cases This part is typically found in high-density electronic assemblies such as: 1. **Telecommunications:** Cooling high-speed processors in switches and routers. 2. **Embedded Systems:** For industrial PCs where vertical space is limited to 25mm. 3. **Power Electronics:** Dissipating heat from MOSFETs or large power regulators.
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB hole requirements for the pushPIN™ attachment?
    • ⤷ How does the thermal resistance change at higher airflow velocities (e.g.
    • ⤷ 500 LFM)?
    • ⤷ Are there alternative Thermal Interface Materials (TIM) available for this specific model?