ATS-06D-34-C2-R0
AI

The **ATS-06D-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for localized cooling of electronic chips such as CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-06D-34-C2-R0 |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Cross-Cut (Square pins) |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Thermal Resistance** | 1.83 °C/W (at 100 LFM) |
| **Dimensions** | 35mm x 35mm x 25mm |
---
### 2. Key Component Features
#### A. The Fin Design (Cross-Cut)
The "34" in the part number refers to a specific geometry. This heat sink uses a **cross-cut** pattern, which creates many small square pins.
* **Advantage:** This allows for "omni-directional" airflow, meaning the cooling efficiency is maintained regardless of which direction the fan is blowing across the PCB.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this part uses a **pushPIN™** mechanism:
* **Spring-loaded:** It uses a high-tension spring to ensure a consistent, pre-measured pressure (force) against the electronic component.
* **Reliability:** This prevents the heat sink from shifting during mechanical vibration or thermal expansion.
#### C. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the part comes pre-applied with a high-performance **Thermal Interface Material**. This is the "glue" or "grease" that bridges the microscopic air gaps between the heat sink and the chip to maximize heat transfer.
---
### 3. Dimensional Analysis
Understanding the physical footprint is critical for PCB layout:
* **Width/Length:** 35mm x 35mm (Fits mid-sized integrated circuits).
* **Height:** 25mm (This is a relatively tall heat sink, providing more surface area but requiring vertical clearance in the chassis).
* **Pitch:** The hole-to-hole distance for the push pins is standard for its size category to ensure compatibility with industry-standard PCB hole patterns.
---
### 4. Environmental & Material Compliance
* **RoHS Status:** Fully compliant (Lead-free).
* **Finish:** Blue Anodized, which provides moderate corrosion resistance and aesthetic appeal.
- ⤷
What is the maximum thermal resistance for this heat sink at high airflow (500-800 LFM)?
- ⤷ Does the ATS-06D-34-C2-R0 require specific PCB hole diameters for mounting?
- ⤷ How does 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal emissivity?