ATS-06D-23-C2-R0
AI

The **ATS-06D-23-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary electronic and physical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-06D-23-C2-R0 |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Thermal Resistance** | 12.01°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 60mm x 60mm x 15mm |
| **Pressure Spring** | Stainless Steel (Blue Anodized) |
| **Interface Material** | T766 (Phase Change Material) |
---
### 2. Electronic/Thermal Performance
The performance of this part is measured by its ability to lower the operating temperature of a semiconductor. Its efficiency is highly dependent on airflow (measured in Linear Feet per Minute - LFM):
* **Low Airflow (100 LFM):** 12.01°C/W
* **High Airflow (700 LFM):** 1.80°C/W
**Electronic Context:** If your electronic chip generates **10 Watts** of heat and the airflow is 400 LFM (3.11°C/W), the temperature of the chip will rise **31.1°C** above the ambient temperature.
---
### 3. Key Electronic Components & Features
#### A. The Fin Design (maxiFLOW™)
The "spread fin" geometry is engineered to maximize surface area. In electronics, this reduces the thermal bottleneck between the silicon die and the surrounding air, preventing **Thermal Throttling** or component failure.
#### B. pushPIN™ Attachment System
Unlike adhesive tapes which can act as insulators, the `pushPIN™` system uses a precise spring-loaded mechanism. This ensures:
* **Constant Pressure:** Optimizes the contact between the heat sink and the electronic chip.
* **Reliability:** Resistant to vibrations that occur in industrial or server environments.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. In electronics, the TIM is critical because it fills microscopic air gaps between the chip and the heat sink, significantly increasing thermal conductivity.
---
### 4. Typical Applications
* **Voltage Regulator Modules (VRMs):** Managing heat in power conversion.
* **Embedded Systems:** Cooling processors in tight enclosures.
* **Telecommunications:** Cooling high-speed data transmission chips.
- ⤷
What are the compatible mounting hole patterns for this heat sink?
- ⤷ How does the T766 interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used with a 60mm fan attachment?