ATS-06D-192-C2-R0
AI

The **ATS-06D-192-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the key physical and thermal parameters for this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimension (L x W)** | 45.00 mm x 45.00 mm |
| **Height (Height off Base)** | 30.00 mm |
| **Pitch** | Fine-Pitch |
| **Thermal Resistance (Flowing)** | 2.35°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 0.79°C/W |
---
### 2. Breakdown of the Part Number
The part number follows the standard ATS naming convention:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **06**: Series identifier.
* **D**: Thermal Interface Material (TIM) code.
* **192**: Specific dimension/fin configuration code.
* **C2**: Material/Finish code (Blue Anodized).
* **R0**: Revision or packaging indicator.
---
### 3. Key Electronic Features
* **pushPIN™ Attachment:** This part utilizes a specialized spring-loaded mechanism that ensures even pressure across the electronic component (IC), improving thermal contact without the need for messy adhesives.
* **High-Performance TIM:** Usually comes pre-applied with a high-performance Thermal Interface Material to reduce contact resistance between the chip and the aluminum base.
* **Cross-Cut Fin Design:** The "Straight Fin" or cross-cut geometry is optimized for forced air cooling (fan-driven systems), allowing air to move through the fins efficiently from multiple directions.
---
### 4. Application Use Cases
This heat sink is typically found in:
1. **Telecommunications Equipment:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and power supplies that generate significant heat in a small footprint.
---
- ⤷
What are the benefits of the blue anodized finish on this heat sink?
- ⤷ How does pushPIN™ attachment compare to thermal adhesive tape?
- ⤷ Can this heat sink be used for passive cooling without a fan?