công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-06D-16-C2-R0

  • AI
    The **ATS-06D-16-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed specifically for efficient thermal management of electronic components like CPUs, GPUs, and power transistors. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Plastic Pins & Springs) | | **Dimensions (L x W)** | 54.00 mm x 54.00 mm | | **Height** | 10.00 mm | | **Pitch** | 1.83 mm (Fine Pitch) | | **Thermal Resistance** | 18.08 °C/W (at 100 LFM) | | **Flow Direction** | Vertical (Cross-Cut) | --- ### 2. Design and Engineering Features #### A. Cross-Cut Fin Design The heat sink features a **cross-cut** fin pattern. This design allows for multidirectional airflow, making it highly effective in environments where the direction of the cooling air is not strictly linear. It increases the surface area for heat dissipation while maintaining a low profile. #### B. pushPIN™ Attachment System Instead of using messy adhesives or complex screws, this part utilizes a specialized push-pin system: * **Ease of Assembly:** Features pre-drilled holes and plastic pins that snap into the PCB. * **Compression Springs:** Each pin is equipped with a high-performance compression spring to ensure even pressure across the thermal interface material (TIM). * **Stability:** Provides a secure mechanical connection that resists vibration and mechanical shock. #### C. Material and Coating * **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties. * **Blue Anodized Finish:** This is not just aesthetic; anodizing increases the surface emissivity (improving radiation heat transfer) and provides a protective layer against corrosion and electrical shorts. --- ### 3. Application Use Cases This specific heat sink is typically used in the following electronic sectors: * **Embedded Systems:** For cooling SoCs (System on Chips) in industrial computers. * **Telecommunications:** Cooling of high-speed networking chips in switches and routers. * **Power Electronics:** Dissipating heat from MOSFETs and voltage regulators in power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative attachment methods if the pushPIN system is not suitable for my PCB?
    • ⤷ How does the 10mm height affect the thermal performance compared to taller heat sinks?
    • ⤷ What thermal interface material (TIM) is recommended for use with the ATS-06D-16-C2-R0?