ATS-06D-148-C2-R0
AI

The **ATS-06D-148-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from semiconductors and integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 8.70°C/W (at 200 LFM) |
| **Flow Orientation** | Directional / Vertical |
---
### 2. Electronic Component Breakdown
#### A. The Heat Sink Body
The "C2" in the part number indicates the material and finish. It is constructed from **Aluminum** to balance weight and thermal conductivity. The **Black Anodized** finish is not just aesthetic; it increases thermal emissivity, allowing the part to radiate heat more efficiently into the surrounding air.
#### B. The maxiFLOW™ Fin Geometry
Unlike standard square-cut fins, the maxiFLOW design uses a spread-fin pattern. This reduces pressure drop and increases the surface area exposed to airflow. In electronics, this is critical for cooling high-density components where space is limited but heat output is high.
#### C. The pushPIN™ Attachment System
This part uses a specific mechanical attachment mechanism:
- **Spring-loaded pins:** These provide a precise "normal force" (pressure) on the electronic chip (CPU, GPU, or FPGA).
- **Thermal Interface Material (TIM):** The part usually comes with a pre-applied high-performance TIM (like ATS-54) to ensure no air gaps exist between the chip and the aluminum base.
---
### 3. Application Use Cases
This specific model is typically found in the following electronic environments:
* **Networking Hardware:** Routers, switches, and high-speed modems.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Cooling MOSFETs or power regulators that generate significant localized heat.
---
### 4. Thermal Performance Data (Example)
Thermal resistance varies based on airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 11.07 |
| 300 | 1.5 | 7.48 |
| 500 | 2.5 | 6.25 |
- ⤷How does the pushPIN™ attachment compare to adhesive-based heat sinks?
- ⤷ What are the advantages of the maxiFLOW fin design over standard cross-cut fins?
- ⤷ Can this heat sink be used for passive cooling without a fan?