ATS-06D-142-C2-R0
AI

The **ATS-06D-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **push-pin** attachment series designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
Below is a breakdown of the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 30mm x 30mm x 15mm |
| **Attachment Type** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 10.07°C/W (at 100 LFM) |
| **Flow Orientation** | Vertical Fin (High Efficiency) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Component Analysis
### A. Material and Design
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides corrosion resistance and increases surface emissivity, which slightly improves radiative cooling.
* **Straight Fin Geometry:** This design is optimized for environments with a steady flow of air (forced convection), allowing air to pass through the fins and carry heat away from the base.
### B. Mounting Mechanism (Push-Pin)
The "C2" in the part number refers to the specific attachment kit.
* **Push-Pins:** These facilitate quick and secure attachment to the PCB (Printed Circuit Board) through pre-drilled holes.
* **Compression Springs:** These ensure that a precise amount of downward pressure is applied to the heat source, maximizing contact and thermal transfer without damaging the silicon die.
### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a phase-change material or high-performance thermal pad that fills microscopic air gaps between the heat sink base and the electronic component, significantly reducing thermal resistance at the contact point.
---
## 3. Application Use Cases
The ATS-06D-142-C2-R0 is typically found in:
1. **Telecommunications:** Cooling for network switches and routers.
2. **Embedded Systems:** For industrial PCs where space is limited but heat dissipation is critical.
3. **Power Electronics:** Cooling small-to-medium voltage regulators and MOSFET arrays.
- ⤷
What is the maximum power dissipation (Watts) this heat sink can handle at 400 LFM?
- ⤷ Are there specific PCB hole patterns required for the brass push-pin attachment?
- ⤷ How does the T766 thermal material compare to standard thermal grease?