ATS-06B-38-C2-R0
AI

The **ATS-06B-38-C2-R0** is a specific high-performance electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** family, designed to provide efficient heat dissipation for high-power electronic components.
---
## 1. Technical Specifications
The part is primarily a heat sink designed for high-density electronic assemblies. Below are the key physical and thermal specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions** | 36.83mm x 46.45mm |
| **Height** | 22.86mm |
| **Thermal Resistance** | 0.84 °C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (with Brass Springs) |
| **Interface Material** | T766 (Thermal Interface Material) |
---
## 2. Key Design Elements
### A. maxiFLOW™ Geometry
The "B" in the part number refers to the **maxiFLOW™** fin pattern. Unlike standard square fin heat sinks, this design features a spread-fin profile. This reduces pressure drop and increases the surface area exposed to airflow, making it highly effective in environments with constrained air movement.
### B. pushPIN™ Attachment System
The **-R0** suffix indicates the inclusion of the pushPIN™ mounting system.
* **Ease of Install:** Allows for quick, tool-free installation onto the PCB.
* **Constant Pressure:** Uses a compression spring (Brass) to ensure a precise, firm contact between the heat sink and the component, maximizing thermal conductivity.
### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. This is a high-performance phase-change or grease-like material that fills microscopic air gaps between the heat sink and the electronic chip (CPU, GPU, or FPGA), significantly lowering thermal resistance.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **06** | Product Series/Style |
| **B** | Fin Geometry (maxiFLOW™) |
| **38** | Body Size Indicator |
| **C2** | Color/Finish (Black Anodized) |
| **R0** | Revision/Kit (Includes pushPIN™ hardware) |
---
## 4. Application Use Cases
This part is typically found in:
* **Telecommunications:** Cooling of high-speed network switches and routers.
* **Data Centers:** High-performance server processors.
* **Embedded Systems:** Industrial PCs where space is limited but heat output is high.
- ⤷
What are the alternative mounting options if pushPIN™ is not suitable for my PCB?
- ⤷ How does the pressure drop of the maxiFLOW™ design compare to standard cross-cut heat sinks?
- ⤷ What is the maximum operating temperature for the T766 thermal interface material?