ATS-06B-36-C2-R0
AI

The **ATS-06B-36-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **heat sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "push pin" series.
### 1. Technical Specifications
The part is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 14.82°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions** | 35.00mm x 35.00mm x 15.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical Components & Electronic Role
While the part itself is passive (no electricity flows through it), it is critical for the survival of active electronic circuits:
* **Heat Sink Body:** The 35mm x 35mm aluminum block provides the surface area necessary to transfer heat from the semiconductor die to the ambient air.
* **Thermal Interface Material (TIM):** This part usually comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the chip and the heat sink to maximize thermal conductivity.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses mechanical brass pins. This is preferred in high-vibration environments (like industrial servers) to ensure the heat sink does not shift or fall off.
---
### 3. Thermal Performance Profile
The efficiency of this electronic part depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 14.82 |
| 300 (1.5 m/s) | 5.96 |
| 500 (2.5 m/s) | 4.48 |
| 700 (3.5 m/s) | 3.77 |
---
### 4. Part Number Breakdown
The suffixing in the part number provides specific manufacturing details:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **06:** Series/Fin Height configuration.
* **36:** Specific footprint dimensions.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or packaging standard.
- ⤷
What are the PCB hole requirements for mounting this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Can this heat sink be used for passive cooling without a fan?