ATS-06B-34-C2-R0
AI

The **ATS-06B-34-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic surface-mount components.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Technical Specifications
This part belongs to the **pushPIN™** series by Advanced Thermal Solutions (ATS).
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-06B-34-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.73°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 25mm |
| **TIM (Thermal Interface Material)** | T766 (High Performance) |
---
### 2. Key Electronic Components
While the heatsink itself is mechanical, its design is dictated by the electronic requirements of the PCB it populates:
#### A. Thermal Performance (The "C2" Rating)
The "C2" in the part number indicates a specific thermal performance profile. It is engineered to dissipate heat from high-speed processors or power components to prevent **thermal throttling** or hardware failure.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or permanent solder, this part uses a spring-loaded mechanism:
* **Compression Springs:** Ensure even pressure across the electronic chip (die) for maximum heat transfer.
* **Plastic/Brass Push Pins:** Designed to fit into pre-drilled holes on the PCB (typically 3.175mm holes).
#### C. Thermal Interface Material (TIM)
The base of the ATS-06B-34-C2-R0 comes pre-applied with **T766 phase-change material**. This is a critical "electronic part" that fills microscopic air gaps between the heatsink and the component, significantly lowering the contact resistance.
---
### 3. Application Use Cases
This specific heatsink size and height (25mm) are commonly found in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and MOSFET arrays that require active or passive airflow.
---
### 4. Airflow Performance Table
Thermal resistance changes based on the velocity of air (measured in Linear Feet per Minute - LFM) provided by system fans:
| Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 6.73 | 2.22 | 1.43 |
- ⤷
What are the specific PCB hole dimensions required for the pushPIN attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heatsink be used for components larger than 35mm x 35mm?