ATS-06B-196-C2-R0
AI

The **ATS-06B-196-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series and is designed for electronic cooling applications where space is limited and thermal efficiency is critical.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 18.11°C/W (Unducted Flow @ 100 LFM) |
| **Compatibility** | Integrated Circuits (ICs), CPUs, GPUs |
---
### 2. Breakdown of the Model Number
The part number can be decoded to understand its specific configurations:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **06:** Series/Type designation.
* **B:** Material or Mounting variation.
* **196:** Specific size and fin configuration code.
* **C2:** Thermal interface material (typically T766) or finish grade.
* **R0:** Revision code (Standard).
---
### 3. Key Electronic/Mechanical Features
#### A. Thermal Interface Material (TIM)
This heat sink typically comes pre-applied with a thermal interface material. This ensures that the microscopic gaps between the heat source (the chip) and the heat sink are filled, maximizing heat transfer.
#### B. pushPIN™ Attachment
Unlike adhesive-based heat sinks, the pushPIN™ system uses a flexible spring-loaded mechanism. This provides:
1. **Consistent Pressure:** Ensures the heat sink stays flat against the component.
2. **Reliability:** Resistant to vibration and mechanical shock.
3. **Removability:** Can be removed for maintenance without damaging the PCB or the component.
#### C. Straight Fin Design
The "Straight Fin" geometry is optimized for environments where airflow is directed in a single path. This design minimizes pressure drop while providing a large surface area for heat dissipation.
---
### 4. Typical Applications
* **Networking Hardware:** Routers, switches, and gateway devices.
* **Industrial PCs:** Compact embedded systems that generate significant heat.
* **Consumer Electronics:** High-speed processing units requiring low-profile cooling (10mm height).
- ⤷
What are the airflow requirements to achieve optimal cooling for this part?
- ⤷ How does the Blue Anodized finish impact thermal performance?
- ⤷ Is there a CAD file or footprint available for PCB design integration?