ATS-06B-142-C2-R0
AI

The **ATS-06B-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for thermal management of electronic components like CPUs, GPUs, and other high-power ICs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Dimensions (L x W)** | 30.00 mm x 30.00 mm | Footprint size |
| **Height** | 15.00 mm | Vertical clearance |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface area and provides corrosion resistance |
| **Fin Style** | Straight Fin | Optimized for linear airflow |
| **Thermal Resistance** | 10.07 °C/W (Unducted) | Measures cooling efficiency |
---
### 2. Mounting Mechanism: pushPIN™
This part uses a specific mechanical attachment system rather than thermal adhesive:
* **Attachment Type:** Push-pin and Spring.
* **Pin Material:** Brass or Plastic (depending on specific revision).
* **Spring:** Steel, provides consistent pressure to ensure the thermal interface material (TIM) performs correctly.
* **Hole Pattern:** Usually requires two holes drilled into the PCB at a pitch of **35.00 mm**.
---
### 3. Applications and Thermal Performance
The **ATS-06B-142-C2-R0** is designed for high-density electronic assemblies where space is limited but heat dissipation is critical.
* **Airflow Dependency:** Thermal resistance drops significantly as airflow (LFM - Linear Feet per Minute) increases. At 200 LFM, the resistance drops from ~10.07 °C/W to approximately ~4.70 °C/W.
* **Target Components:**
* Network Switches/Routers.
* Embedded Computing modules.
* Power converters (POL).
* FPGA and ASIC cooling.
---
### 4. Part Number Breakdown
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **06**: Series/Style.
* **B**: Aluminum material.
* **142**: Specific geometry code.
* **C2**: Blue Anodized finish.
* **R0**: Standard revision/Packaging.
---
- ⤷
What is the recommended Thermal Interface Material (TIM) for this heat sink?
- ⤷ Does this model support a 3-pin or 4-pin fan attachment?
- ⤷ What is the weight of the ATS-06B-142-C2-R0?