ATS-06B-129-C2-R0
AI

The **ATS-06B-129-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" thermal management series, specifically designed for cooling electronic components like CPUs, GPUs, and power modules.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Heat Sink Type** | Fine Pitch (straight fin) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 8.68°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 10.00mm |
| **Weight** | 35 grams (Approx.) |
---
### Key Electronic Components & Features
#### 1. Thermal Management Material
The unit is crafted from high-grade aluminum. Its primary electronic function is to act as a **heat exchanger**, conducting thermal energy away from the semiconductor die and dissipating it into the surrounding air.
#### 2. Fine Pitch Fin Design
The "129" in the part number refers to a specific fin configuration. The fine pitch design maximizes surface area within a low-profile height (10mm). This is critical for electronics housed in tight spaces (1U or 2U servers) where vertical clearance is limited.
#### 3. pushPIN™ Attachment System
This mechanical assembly includes:
* **Compression Springs:** Ensure consistent pressure (Force) is applied to the electronic component, optimizing the thermal interface.
* **Plastic/Brass Pins:** Provide secure mounting to the PCB via pre-drilled holes.
#### 4. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the heat sink comes pre-applied with a high-performance **T766 thermal phase change material**. This eliminates the need for external thermal paste and ensures minimal air gaps between the component and the sink.
---
### Application in Circuitry
This heat sink is typically found in:
* **Telecommunications:** Cooling ASICs and FPGAs.
* **Embedded Computing:** Managing heat in industrial motherboards.
* **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules.
- ⤷
What are the differences between blue anodized and gold anodized finishes in thermal performance?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can this heat sink be used with a custom fan shroud?