công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-06B-119-C2-R0

  • AI
    The **ATS-06B-119-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, GPUs, and power modules. ### 1. Technical Specifications The following table highlights the core mechanical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized Finish) | | **Fin Type** | Straight Fin | | **Thermal Resistance** | 4.68°C/W @ 100 LFM (Linear Feet per Minute) | | **Mounting Style** | Push-Pin (Brass) | | **Attachment Hole Spacing** | 41.25mm | | **Dimensions (L x W x H)** | 45mm x 45mm x 20mm | --- ### 2. Key Components & Electronics Integration #### Thermal Management The primary purpose of the ATS-06B-119-C2-R0 is to increase the surface area of a heat-generating electronic component. By doing so, it facilitates heat dissipation into the surrounding air through convection. The **4.68°C/W resistance** indicates that for every watt of power the chip consumes, its temperature will rise 4.68°C above the ambient temperature (assuming 100 LFM airflow). #### Push-Pin Mechanism Unlike adhesive-based heat sinks, this model uses a mechanical push-pin system: - **Spring Loading:** Ensures constant pressure on the semiconductor (IC), which optimizes the thermal interface. - **Reliability:** Prevents the heat sink from shifting during high-vibration environments or mechanical shocks. #### Thermal Interface Material (TIM) The "R0" suffix usually denotes the specific TIM applied to the base. In this series, the heat sink typically comes with **pre-applied phase-change material** or a thermal pad, ensuring a low thermal impedance between the chip and the aluminum base. --- ### 3. Common Applications This heat sink is typically found in: 1. **Network Switches/Routers:** Cooling high-speed ASICs. 2. **Embedded Systems:** Cooling CPUs in industrial computers. 3. **Power Electronics:** Managing heat for MOSFET arrays or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ What are the different thermal resistance values for this heat sink at higher airflows?
    • ⤷ How do I calculate the correct hole diameter for the push-pin mounting?
    • ⤷ What are the advantages of blue anodized aluminum over standard aluminum in this application?